Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7264 Datasheet (PDF) - STMicroelectronics

TDA7264 Datasheet PDF - STMicroelectronics
Part # TDA7264
Download  TDA7264 Download
File Size   189.2 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2525W STEREO AMPLIFIER WITH MUTE/ST-BY

TDA7264 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7264 Datasheet PDF - STMicroelectronics

Part # TDA7264
Download  TDA7264 Click to download

File Size   189.2 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2525W STEREO AMPLIFIER WITH MUTE/ST-BY

TDA7264 Datasheet (HTML) - STMicroelectronics


TDA7264 Product details

Description
The TDA7264 is class-AB dual audio power amplifier assembled in a Multiwatt package.
It is specially designed for high-quality sound applications such as hi-fi music centers and stereo TV sets.

Features
■ Wide supply voltage range (up to ±22.5 V)
■ Split supply
■ High output power
   – 25 W + 25 W into 8 Ω with VS = ±20 V and THD = 10%
■ No “pop” at turn on/off
■ Mute (“pop”-free)
■ Standby feature (low Iq)
■ Few external components
■ Short-circuit protection
■ Thermal overload protection




Similar Part No. - TDA7264

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
229Kb / 14P
25 W 25 W stereo amplifier with mute and standby
01-Jul-2009
TDA7264 STMICROELECTRONICS-TDA7264_V01 Datasheet
229Kb / 14P
25 W 25 W stereo amplifier with mute and standby
01-Jul-2009
More results


Similar Description - TDA7264

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
25W MONO AMPLIFIER WITH MUTE/ST-BY
1997-Feb
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
107Kb / 7P
10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
Sep-1995
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-2004
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com