Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7261 Datasheet (PDF) - STMicroelectronics

TDA7261 Datasheet PDF - STMicroelectronics
Part # TDA7261
Download  TDA7261 Download
File Size   133.75 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25W MONO AMPLIFIER WITH MUTE/ST-BY

TDA7261 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7261 Datasheet PDF - STMicroelectronics

Part # TDA7261
Download  TDA7261 Click to download

File Size   133.75 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25W MONO AMPLIFIER WITH MUTE/ST-BY

TDA7261 Datasheet (HTML) - STMicroelectronics


TDA7261 Product details

DESCRIPTION
The TDA7261 is class AB Audio power amplifier assembled in the Multiwatt package, specially designed for high quality sound application in mono TV chassis

■ WIDE SUPPLY VOLTAGE RANGE (UP TO 50V ABS MAX.)
■ SPLIT SUPPLY
■ HIGH OUTPUT POWER: 25W @ THD =10%, RL = 8Ω, VS = ±20V
■ NO POP AT TURN-ON/OFF
■ MUTE (POP FREE)
■ STAND-BY FEATURE (LOW IQ)
■ FEW EXTERNAL COMPONENTS
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
TDA7262 STMICROELECTRONICS-TDA7262 Datasheet
92Kb / 8P
2020W STEREO AMPLIFIER WITH STAND-BY
1995-Mar
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
logo
STMicroelectronics
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
More results


Similar Description - TDA7261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
107Kb / 7P
10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
Sep-1995
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com