Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7263M Datasheet (PDF) - STMicroelectronics

TDA7263M Datasheet PDF - STMicroelectronics
Part # TDA7263M
Download  TDA7263M Download
File Size   124.98 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1212W STEREO AMPLIFIER WITH MUTING

TDA7263M Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7263M Datasheet PDF - STMicroelectronics

Part # TDA7263M
Download  TDA7263M Click to download

File Size   124.98 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1212W STEREO AMPLIFIER WITH MUTING

TDA7263M Datasheet (HTML) - STMicroelectronics


TDA7263M Product details

DESCRIPTION
The TDA7263M is class AB dual audio power amplifier assembled in the Multiwatt package, specially designed for high quality sound application as HI-FI music centers and stereo TV sets.

■ WIDE SUPPLY VOLTAGE RANGE
■ HIGH OUTPUT POWER
   12+12W @ VS=28V, RL = 8Ω, THD=10%
■ MUTE FACILITY (POP FREE) WITH LOW CONSUMPTION
■ AC SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7263M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
More results


Similar Description - TDA7263M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
TDA7253 STMICROELECTRONICS-TDA7253 Datasheet
50Kb / 5P
8W AMPLIFIER WITH MUTING
May-1997
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
logo
STMicroelectronics
TDA7253L STMICROELECTRONICS-TDA7253L Datasheet
103Kb / 8P
6W AMPLIFIER WITH MUTING
Sep-2004
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com