Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7253 Datasheet (PDF) - STMicroelectronics

TDA7253 Datasheet PDF - STMicroelectronics
Part # TDA7253
Download  TDA7253 Download
File Size   50.37 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8W AMPLIFIER WITH MUTING

TDA7253 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7253 Datasheet PDF - STMicroelectronics

Part # TDA7253
Download  TDA7253 Click to download

File Size   50.37 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8W AMPLIFIER WITH MUTING

TDA7253 Datasheet (HTML) - STMicroelectronics


TDA7253 Product details

DESCRIPTION

The TDA7253 is class AB audio power amplifier assembled in the new Clipwatt package.



WIDE SUPPLY VOLTAGE RANGE

8W @ VS=26V, RL = 8Ω, THD=10%

MUTE FACILITY (POP FREE) WITH LOW CONSUMPTION

AC SHORT CIRCUIT PROTECTION

THERMAL OVERLOAD PROTECTION (150°C)




Similar Part No. - TDA7253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7253L STMICROELECTRONICS-TDA7253L Datasheet
103Kb / 8P
6W AMPLIFIER WITH MUTING
Sep-2004
More results


Similar Description - TDA7253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
8W AUDIO AMPLIFIER
Mar-1993
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
10W AUDIO AMPLIFIER WITH MUTING
May-1997
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
8W8W15W TRIPLE AMPLIFIER
Apr-2003
TDA7253L STMICROELECTRONICS-TDA7253L Datasheet
103Kb / 8P
6W AMPLIFIER WITH MUTING
Sep-2004
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com