Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1908 Datasheet (PDF) - STMicroelectronics

TDA1908 Datasheet PDF - STMicroelectronics
Part # TDA1908
Download  TDA1908 Download
File Size   208.36 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8W AUDIO AMPLIFIER

TDA1908 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1908 Datasheet PDF - STMicroelectronics

Part # TDA1908
Download  TDA1908 Click to download

File Size   208.36 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8W AUDIO AMPLIFIER

TDA1908 Datasheet (HTML) - STMicroelectronics


TDA1908 Product details

DESCRIPTION
The TDA1908 is a monolithic integrated circuit in 12 lead quad in-line plastic package intended for low frequency power applications.The mounting is compatible with the old types TBA800, TBA810S, TCA830S and TCA940N. Its main features are:

    – flexibility in use with a max output curent of 3A and an operating supply voltage range of 4V to 30V;
    – protection against chip overtemperature;
    – soft limiting in saturation conditions;
    – low ”switch-on” noise;
    – low number of external components;
    – high supply voltage rejection;
    – very low noise.




Similar Part No. - TDA1908

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1904 STMICROELECTRONICS-TDA1904 Datasheet
152Kb / 10P
4WAUDIO AMPLIFIER
Mar-1993
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
More results


Similar Description - TDA1908

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2879 NSC-LM2879 Datasheet
171Kb / 8P
LM2879 Dual 8W Audio Amplifier
logo
NTE Electronics
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
Integrated Circuit Audio Amplifier for Car Radio, 8W
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
8W8W15W TRIPLE AMPLIFIER
Apr-2003
logo
Silan Microelectronics ...
SA7347 SILAN-SA7347 Datasheet
265Kb / 8P
4CH AUDIO POWER AMPLIFIER(8W X4)
logo
Integrated Silicon Solu...
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2173 POWER-LPA2173 Datasheet
562Kb / 9P
8W Mono Class- F Audio Amplifier With EQ Function
logo
Shenzhenshi YONGFUKANG ...
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com