Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1908 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA1908
Description  8W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1908 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA1908 Datasheet HTML 1Page - STMicroelectronics TDA1908 Datasheet HTML 2Page - STMicroelectronics TDA1908 Datasheet HTML 3Page - STMicroelectronics TDA1908 Datasheet HTML 4Page - STMicroelectronics TDA1908 Datasheet HTML 5Page - STMicroelectronics TDA1908 Datasheet HTML 6Page - STMicroelectronics TDA1908 Datasheet HTML 7Page - STMicroelectronics TDA1908 Datasheet HTML 8Page - STMicroelectronics TDA1908 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA1908
8W AUDIO AMPLIFIER
DESCRIPTION
The TDA1908 is a monolithic integrated circuit in
12 lead quad in-line plastic package intended for
low frequency power applications. The mounting is
compatible with the old types TBA800, TBA810S,
TCA830S and TCA940N. Its main features are:
– flexibility in use with a max output curent of 3A
and an operating supply voltage range of 4V to
30V;
– protection against chip overtemperature;
– soft limiting in saturation conditions;
– low ”switch-on” noise;
– low number of external components;
– high supply voltage rejection;
– very low noise.
March 1993
Symbol
Parameter
Value
Unit
Vs
Supply voltage
30
V
Io
Output peak current (non repetitive)
3.5
A
Io
Output peak current (repetitive)
3
A
Ptot
Power dissipation: at Tamb =80
°C
1W
at Tamb =90
°C5
W
Tstg,Tj
Storage and junction temperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
APPLICATION CIRCUIT
Findip
ORDERING NUMBER : TDA1908
1/12


Similar Part No. - TDA1908

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1904 STMICROELECTRONICS-TDA1904 Datasheet
152Kb / 10P
4WAUDIO AMPLIFIER
Mar-1993
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
More results

Similar Description - TDA1908

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2879 NSC-LM2879 Datasheet
171Kb / 8P
LM2879 Dual 8W Audio Amplifier
logo
NTE Electronics
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
Integrated Circuit Audio Amplifier for Car Radio, 8W
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
8W8W15W TRIPLE AMPLIFIER
Apr-2003
logo
Silan Microelectronics ...
SA7347 SILAN-SA7347 Datasheet
265Kb / 8P
4CH AUDIO POWER AMPLIFIER(8W X4)
logo
Integrated Silicon Solu...
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2173 POWER-LPA2173 Datasheet
562Kb / 9P
8W Mono Class- F Audio Amplifier With EQ Function
logo
Shenzhenshi YONGFUKANG ...
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com