Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1908 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA1908
Description  8W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1908 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA1908 Datasheet HTML 4Page - STMicroelectronics TDA1908 Datasheet HTML 5Page - STMicroelectronics TDA1908 Datasheet HTML 6Page - STMicroelectronics TDA1908 Datasheet HTML 7Page - STMicroelectronics TDA1908 Datasheet HTML 8Page - STMicroelectronics TDA1908 Datasheet HTML 9Page - STMicroelectronics TDA1908 Datasheet HTML 10Page - STMicroelectronics TDA1908 Datasheet HTML 11Page - STMicroelectronics TDA1908 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/12
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the
following advantages:
1) An overload on the output (even if it is perma-
nent), or an abovelimit ambient temperature can
be easily supported since the Tj cannot be
higher than 150
°C.
2) The heatsink can have a smaller factor of safety
compared with that of a conventional circuit.
There is no possibility of device damage due to
high junction temperature.
If, for any reason, the junction temperature in-
crease up to 150
°C, the thermal shut-down sim-
ply reduces the power dissipation and the
current consumption.
The maximum allowable power dissipation de-
pends upon the size of the external heatsink (i.e. its
thermal resistance); fig. 25 shows the dissipable
power as a function of ambient temperature for
different thermal resistance.
Figure 24. Output power
and drain current vs.
case temperature
Figure 25. Output power
and drain current vs.
case temperature
Fi g ur e 2 6. Max i mum
power dissipation vs.
ambient temperature
MOUNTING INSTRUCTIONS
The thermal power dissipated in the circuit may be
removed by soldering the tabs to a copper area on
the PC board (see Fig. 27).
During soldering, tab temperature must not exceed
260
°C and the soldering time must not be longer
than 12 seconds.
Figure 27. Mounding example
Fi gu re 2 8. M ax imu m
power dissipation and
thermal resistance vs.
side ” ”
TDA1908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com