Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1908 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA1908
Description  8W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1908 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA1908 Datasheet HTML 1Page - STMicroelectronics TDA1908 Datasheet HTML 2Page - STMicroelectronics TDA1908 Datasheet HTML 3Page - STMicroelectronics TDA1908 Datasheet HTML 4Page - STMicroelectronics TDA1908 Datasheet HTML 5Page - STMicroelectronics TDA1908 Datasheet HTML 6Page - STMicroelectronics TDA1908 Datasheet HTML 7Page - STMicroelectronics TDA1908 Datasheet HTML 8Page - STMicroelectronics TDA1908 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
d
Harmonic distorsion
f = 1KHz
Vs =9V
RL =4
Ω
Po = 50 mW to 1.5 W
Vs = 18V
RL =4
Ω
Po =50 mW to4W
Vs = 24V
RL =16
Ω
Po =50 mW to3W
0.1
0.1
0.1
%
Vi
Input sensivity
Vs =9V
Vs = 14V
Vs = 18V
Vs = 22V
Vs = 24V
RL =4
Ω
RL =4
Ω
RL =4
Ω
RL =8
Ω
RL =16
Ω
Po = 2.5W
Po = 5.5W
Po =9W
Po =8W
Po = 5.3W
37
52
64
90
110
mV
Vi
Input saturation voltage (rms)
Vs =9V
Vs = 14V
Vs = 18V
Vs = 24V
0.8
1.3
1.8
2.4
V
Ri
Input resistence (pin 8)
f = 1 KHz
60
100
K
Ω
Is
Drain current
f = 1 KHz
Vs = 14V
Vs = 18V
Vs = 22V
Vs = 24V
RL =4
Ω
RL =4
Ω
RL =8
Ω
RL =16
Ω
Po = 5.5W
Po =9W
Po =8W
Po = 5.3W
570
730
500
310
mA
η
Efficiency
Vs = 18V
f = 1 KHz
RL =4
Ω
Po =9W
72
%
BW
Small signal bandwitdth (-3 dB)
Vs = 18V
RL =4
Ω Po = 1W
40 to 40 000
Hz
Gv
Voltage gain (open loop)
f = 1 KHz
75
dB
Gv
Voltage gain (closed loop)
Vs = 18V
f = 1 KHz
RL =4
Ω
Po =1W
39.5
40
40.5
dB
eN
Total input noise
(
°)
Rg =50
Ω
Rg =1K
Ω
Rg = 10K
Ω
1.2
1.3
1.5
4.0
µV
(
°°)
Rg =50
Ω
Rg =1K
Ω
Rg = 10K
Ω
2.0
2.0
2.2
6.0
µV
S/N
Signal to noise ratio
Vs = 18V
Po =9W
RL =4
Ω
Rg = 10K
Ω
Rg =0
(
°)
92
94
dB
Rg = 10K
Ω
Rg =0
(
°°)
88
90
dB
SVR
Supply voltage rejection
Vs = 18V
RL =4
Ω
fripple = 100 Hz
Rg = 10K
Ω
40
50
dB
Tsd
Termal shut-down junction
temperature
(*)
145
ÉC
ELECTRICAL CHARACTERISTICS (continued)
Note :
(
°)
Weighting filter = curve A.
(
° °) Filter with noise bandwidth: 22 Hz to 22 KHz.
TDA1908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com