Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1908 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA1908
Description  8W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1908 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA1908 Datasheet HTML 1Page - STMicroelectronics TDA1908 Datasheet HTML 2Page - STMicroelectronics TDA1908 Datasheet HTML 3Page - STMicroelectronics TDA1908 Datasheet HTML 4Page - STMicroelectronics TDA1908 Datasheet HTML 5Page - STMicroelectronics TDA1908 Datasheet HTML 6Page - STMicroelectronics TDA1908 Datasheet HTML 7Page - STMicroelectronics TDA1908 Datasheet HTML 8Page - STMicroelectronics TDA1908 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
4
30
V
Vo
Quiescent output voltage
Vs =4V
Vs = 18V
Vs = 30V
1.6
8.2
14.4
2.1
9.2
15.5
2.5
10.2
16.8
V
Id
Quiescent drain current
Vs =4V
Vs = 18V
Vs = 30V
15
17.5
21
35
mA
VCEsat
Output stage saturation voltage
(each output transistor)
IC =1A
IC = 2.5A
0.5
1.3
V
Po
Output power
d = 10%
f = 1KHz
Vs =9V
RL =4
Ω
Vs = 14V
RL =4
Ω
Vs = 18V
RL =4
Ω
Vs = 22V
RL =8
Ω
Vs = 24V
RL =16
Ω
7
6.5
4.5
2.5
5.5
9
8
5.3
W
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Tamb =25
°C, Rth (heatsink)= 8 °C/W, unless
otherwise specified)
(
°) Obtained with tabs soltered to printed circuit board with min copper area.
Symbol
Parameter
Value
Unit
Rth j-tab
Thermal resistance junction-tab
max
12
°C/W
Rth j-amb
Thermal resistance junction-ambient
max
(
°)70
°C/W
THERMAL DATA
TEST CIRCUIT
* See fig. 12
3/12
TDA1908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com