Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1908 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA1908
Description  8W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1908 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA1908 Datasheet HTML 4Page - STMicroelectronics TDA1908 Datasheet HTML 5Page - STMicroelectronics TDA1908 Datasheet HTML 6Page - STMicroelectronics TDA1908 Datasheet HTML 7Page - STMicroelectronics TDA1908 Datasheet HTML 8Page - STMicroelectronics TDA1908 Datasheet HTML 9Page - STMicroelectronics TDA1908 Datasheet HTML 10Page - STMicroelectronics TDA1908 Datasheet HTML 11Page - STMicroelectronics TDA1908 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Component
Raccom.
value
Purpose
Larger than
raccomanded value
Smaller than
raccomanded value
Allowed range
Min.
Max.
R1
10 K
Ω
Close loop gain
setting
Increase of gain.
Decrease of gain.
Increase quiescent
current.
9R2
R2
100
Ω
Close loop gain
setting.
Decrease of gain.
Increase of gain.
R1/9
R3
1
Ω
Frequency stability
Danger of oscillation at
hight frequencies with
inductive loads.
R4
100
Ω
Increaseing of output
swing with low Vs.
47
Ω
330
Ω
C1
2.2
µF
Input DC
decoupling.
Lower noise.
Higher low
frequency cutoff.
Higher noise.
0.1
µF
C2
0,1
µF
Supply voltage
bypass.
Danger of
oscillations.
C3
2.2
µF
Inverting input DC
decoupling.
Increase of the
switch-on noise
Higher low
frequency cutoff.
0.1
µF
C4
10
µF
Ripple Rejection.
Increase of SVR.
Increase of the
switch-on time.
Degradation of
SVR.
2.2
µF 100 µF
C5
47
µF
Bootstrap
Increase of the
distorsion at low
frequency
10 mF 100
µF
C6
0.22
µF
Frequency stability.
Danger of oscillation.
C7
1000
µF
Output DC
decoupling.
Higher low
frequency cutoff.
APPLICATION SUGGESTION
The recommended values of the external components are those shown on the application circuit of fig. 19.
When the supply voltage Vs is less than 10V, a 100
Ω resistor must be connectedbetween pin 1 and pin 4
in order to obtain the maximum output power.
Different values can be used. The following table can help the designer.
9/12
TDA1908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com