Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1908 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA1908
Description  8W AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1908 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA1908 Datasheet HTML 4Page - STMicroelectronics TDA1908 Datasheet HTML 5Page - STMicroelectronics TDA1908 Datasheet HTML 6Page - STMicroelectronics TDA1908 Datasheet HTML 7Page - STMicroelectronics TDA1908 Datasheet HTML 8Page - STMicroelectronics TDA1908 Datasheet HTML 9Page - STMicroelectronics TDA1908 Datasheet HTML 10Page - STMicroelectronics TDA1908 Datasheet HTML 11Page - STMicroelectronics TDA1908 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.8
4.05
0.150
0.159
a1
1.5
1.75
0.059
0.069
b
0.55
0.6
0.022
0.024
b1
0.3
0.35
0.012
0.014
c
1.32
0.052
c1
0.94
0.037
D
19.2
19.9
0.756
0.783
E
16.8
17.2
17.6
0.661
0.677
0.693
E1
4.86
5.56
0.191
0.219
E2
10.11
10.81
0.398
0.426
e
2.29
2.54
2.79
0.090
0.100
0.110
e3
17.43
17.78
18.13
0.686
0.700
0.714
e4
7.62
0.300
e5
7.27
7.62
7.97
0.286
0.300
0.314
e6
12.35
12.7
13.05
0.486
0.500
0.514
F
6.3
7.1
0.248
0.280
F1
6.1
6.7
0.240
0.264
G
9.8
0.386
I
7.8
8.6
0.307
0.339
K
6.1
6.5
0.240
0.256
L
2.5
2.9
0.098
0.114
M
2.5
3.1
0.098
0.122
FINDIP PACKAGE MEHANICAL DATA
FINDIP
b
c1
ce5
e6
e3
e
D
K
G
e4
E1
E2
E
b1
12
7
6
1
D1
11/12
TDA1908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com