Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2879 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2879 Datasheet PDF - National Semiconductor (TI)
Part # LM2879
Download  LM2879 Download
File Size   171.79 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description LM2879 Dual 8W Audio Amplifier

LM2879 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2879 Datasheet PDF - National Semiconductor (TI)

Part # LM2879
Download  LM2879 Click to download

File Size   171.79 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description LM2879 Dual 8W Audio Amplifier

LM2879 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2879

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM2876 TI2-LM2876 Datasheet
937Kb / 29P
LM2876 Overture™ Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
REVISED MARCH 2013
logo
National Semiconductor ...
LM2876T NSC-LM2876T Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
More results


Similar Description - LM2879

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
Integrated Circuit Audio Amplifier for Car Radio, 8W
logo
STMicroelectronics
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
8W AUDIO AMPLIFIER
Mar-1993
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
8W8W15W TRIPLE AMPLIFIER
Apr-2003
logo
Silan Microelectronics ...
SA7347 SILAN-SA7347 Datasheet
265Kb / 8P
4CH AUDIO POWER AMPLIFIER(8W X4)
logo
Integrated Silicon Solu...
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2173 POWER-LPA2173 Datasheet
562Kb / 9P
8W Mono Class- F Audio Amplifier With EQ Function
logo
Shenzhenshi YONGFUKANG ...
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com