Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1905 Datasheet (PDF) - STMicroelectronics

TDA1905 Datasheet PDF - STMicroelectronics
Part # TDA1905
Download  TDA1905 Download
File Size   215.21 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5W AUDIO AMPLIFIER WITH MUTING

TDA1905 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1905 Datasheet PDF - STMicroelectronics

Part # TDA1905
Download  TDA1905 Click to download

File Size   215.21 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5W AUDIO AMPLIFIER WITH MUTING

TDA1905 Datasheet (HTML) - STMicroelectronics


TDA1905 Product details

DESCRIPTION
The TDA1905 is a monolithic integrated circuit in POWERDIP package, intended for use as low frequency power amplifier in a wide range of applications in radio and TV sets:

– muting facility
– protection against chip over temperature
– very low noise
– high supply voltage rejection
– low "switch-on" noise
– voltage range 4V to 30V

The TDA 1905 is assembled in a new plastic package, the POWERDIP, that offers the same assembly ease, space and cost saving of a normal dual in-line package but with a power dissipation of up to 6W and a thermal resistance of 15°C/W (junction to pins).




Similar Part No. - TDA1905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1904 STMICROELECTRONICS-TDA1904 Datasheet
152Kb / 10P
4WAUDIO AMPLIFIER
Mar-1993
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
8W AUDIO AMPLIFIER
Mar-1993
More results


Similar Description - TDA1905

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
5W Audio Power Amplifier
logo
NTE Electronics
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
Integrated Circuit 5W Audio Amplifier with Muting
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
10W AUDIO AMPLIFIER WITH MUTING
May-1997
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
Mar-1995
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
5W AUDIO POWER AMPLIFIER CIRCUIT
AN7140 PANASONIC-AN7140 Datasheet
37Kb / 2P
5W Audio Power Amplifier Circuit
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
logo
Texas Instruments
LM384N TI1-LM384N Datasheet
356Kb / 11P
LM384 5W Audio Power Amplifier
LM384 TI-LM384_15 Datasheet
339Kb / 12P
LM384 5W Audio Power Amplifier
logo
Diodes Incorporated
PAM8406 DIODES-PAM8406 Datasheet
560Kb / 14P
ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com