Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1905 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA1905
Description  5W AUDIO AMPLIFIER WITH MUTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1905 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA1905 Datasheet HTML 1Page - STMicroelectronics TDA1905 Datasheet HTML 2Page - STMicroelectronics TDA1905 Datasheet HTML 3Page - STMicroelectronics TDA1905 Datasheet HTML 4Page - STMicroelectronics TDA1905 Datasheet HTML 5Page - STMicroelectronics TDA1905 Datasheet HTML 6Page - STMicroelectronics TDA1905 Datasheet HTML 7Page - STMicroelectronics TDA1905 Datasheet HTML 8Page - STMicroelectronics TDA1905 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TDA1905
5W AUDIO AMPLIFIER WITH MUTING
DESCRIPTION
The TDA1905 is a monolithic integrated circuit in
POWERDIP package, intended for use as low
frequency power amplifier in a wide range of appli-
cations in radio and TV sets:
– muting facility
– protection against chip over temperature
– very low noise
– high supply voltage rejection
– low ”switch-on” noise
– voltage range 4V to 30V
The TDA 1905 is assembled in a new plastic pack-
age, the POWERDIP, that offers the same assembly
ease, space and cost saving of a normal dual in-line
package but with a power dissipation of up to 6W and
a thermal resistance of 15
°C/W (junction to pins).
March 1993
Symbol
Parameter
Value
Unit
Vs
Supply voltage
30
V
Io
Output peak current (non repetitive)
3
A
Io
Output peak current (repetitive)
2.5
A
Vi
Input voltage
0 to + Vs
V
Vi
Differential input voltage
± 7
V
V11
Muting thresold voltage
Vs
V
Ptot
Power dissipation at Tamb =80
°C
1W
Tcase =60
°C6
W
Tstg,Tj
Storage and junction temperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
APPLICATION CIRCUIT
Powerdip
(8 + 8)
ORDERING NUMBER : TDA 1905
1/14


Similar Part No. - TDA1905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1904 STMICROELECTRONICS-TDA1904 Datasheet
152Kb / 10P
4WAUDIO AMPLIFIER
Mar-1993
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
8W AUDIO AMPLIFIER
Mar-1993
More results

Similar Description - TDA1905

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
5W Audio Power Amplifier
logo
NTE Electronics
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
Integrated Circuit 5W Audio Amplifier with Muting
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
10W AUDIO AMPLIFIER WITH MUTING
May-1997
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
Mar-1995
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
5W AUDIO POWER AMPLIFIER CIRCUIT
AN7140 PANASONIC-AN7140 Datasheet
37Kb / 2P
5W Audio Power Amplifier Circuit
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
logo
Texas Instruments
LM384N TI1-LM384N Datasheet
356Kb / 11P
LM384 5W Audio Power Amplifier
LM384 TI-LM384_15 Datasheet
339Kb / 12P
LM384 5W Audio Power Amplifier
logo
Diodes Incorporated
PAM8406 DIODES-PAM8406 Datasheet
560Kb / 14P
ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com