Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7245 Datasheet (PDF) - STMicroelectronics

TDA7245 Datasheet PDF - STMicroelectronics
Part # TDA7245
Download  TDA7245 Download
File Size   200.41 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY

TDA7245 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7245 Datasheet PDF - STMicroelectronics

Part # TDA7245
Download  TDA7245 Click to download

File Size   200.41 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY

TDA7245 Datasheet (HTML) - STMicroelectronics


TDA7245 Product details

DESCRIPTION
The TDA7245 is a monolithic integrated circuit in 9+9 POWERDIP package, intended for use as low frequency power amplifier in a wide range of applications in radio and TV sets.

■ MUTING AND STAND-BY FUNCTIONS
■ VOLTAGE RANGE UP TO 30V
■ HIGH SUPPLY VOLTAGE REJECTION SVR TYP = 50dB (f = 100Hz)
■ MUSIC POWER = 12W (RL = 4Ω, d = 10%)
■ PROTECTION AGAINST CHIP OVER TEMPERATURE




Similar Part No. - TDA7245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
6W AUDIO AMPLIFIER WITH STAND-BY
May-1997
More results


Similar Description - TDA7245

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
Integrated Circuit 5W Audio Amplifier with Muting
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
10W AUDIO AMPLIFIER WITH MUTING
May-1997
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
6W AUDIO AMPLIFIER WITH STAND-BY
May-1997
TDA7250 STMICROELECTRONICS-TDA7250 Datasheet
135Kb / 11P
6W AUDIO AMPLIFIER WITH STAND-BY
Mar-1995
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
May-1997
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
TDA2052V STMICROELECTRONICS-TDA2052V Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com