Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7245
Description  5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7245 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7245 Datasheet HTML 1Page - STMicroelectronics TDA7245 Datasheet HTML 2Page - STMicroelectronics TDA7245 Datasheet HTML 3Page - STMicroelectronics TDA7245 Datasheet HTML 4Page - STMicroelectronics TDA7245 Datasheet HTML 5Page - STMicroelectronics TDA7245 Datasheet HTML 6Page - STMicroelectronics TDA7245 Datasheet HTML 7Page - STMicroelectronics TDA7245 Datasheet HTML 8Page - STMicroelectronics TDA7245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA7245
5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
MUTING AND STAND-BY FUNCTIONS
VOLTAGE RANGE UP TO 30V
HIGH SUPPLY VOLTAGE REJECTION
SVR TYP = 50dB (f = 100Hz)
MUSIC POWER = 12W (RL =4
Ω, d = 10%)
PROTECTION AGAINST CHIP OVER
TEMPERATURE
DESCRIPTION
The TDA7245 is a monolithic integrated circuit in
9+9 POWERDIP package, intended for use as
low frequency power amplifier in a wide range of
applications in radio and TV sets.
March 1995
Figure 1: Test and Application Circuit
Powerdip 9+9
ORDERING NUMBER: TDA7245
1/11


Similar Part No. - TDA7245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
6W AUDIO AMPLIFIER WITH STAND-BY
May-1997
More results

Similar Description - TDA7245

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
Integrated Circuit 5W Audio Amplifier with Muting
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
10W AUDIO AMPLIFIER WITH MUTING
May-1997
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
6W AUDIO AMPLIFIER WITH STAND-BY
May-1997
TDA7250 STMICROELECTRONICS-TDA7250 Datasheet
135Kb / 11P
6W AUDIO AMPLIFIER WITH STAND-BY
Mar-1995
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
May-1997
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
TDA2052V STMICROELECTRONICS-TDA2052V Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com