Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7245 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7245
Description  5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7245 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7245 Datasheet HTML 1Page - STMicroelectronics TDA7245 Datasheet HTML 2Page - STMicroelectronics TDA7245 Datasheet HTML 3Page - STMicroelectronics TDA7245 Datasheet HTML 4Page - STMicroelectronics TDA7245 Datasheet HTML 5Page - STMicroelectronics TDA7245 Datasheet HTML 6Page - STMicroelectronics TDA7245 Datasheet HTML 7Page - STMicroelectronics TDA7245 Datasheet HTML 8Page - STMicroelectronics TDA7245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Tamb =25
°C, f = 1kHz; unless otherwise
specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
12
30
V
VO
Quiescent Output Voltage
VS = 24V
11.6
V
Id
Quiescent Drain Current
VS = 14V
VS = 28V
17
21
35
mA
mA
PO
Output Power
d = 1%, f = 1KHz
VS = 14V, RL =4
Ω
VS = 18V, RL =8
Ω
d = 10%, f = 1KHz
VS = 14V, RL =4
Ω
VS = 18V, RL =8
Ω
Music Power (*)
VS = 24V, d = 10%, RL =4
Ω
4
4
4
5
5
12
W
W
W
W
W
d
Harmonic Distortion
VS = 14V, RL =4
Ω,
PO = 50mW to 3W
f = 1KHz
f = 10KHz
VS = 18V, RL =8
Ω,
PO = 50mW to 3.5W
f = 1KHz
f = 10KHz
VS = 22V, RL =16
Ω,
PO = 50mW to 3W
f = 1KHz
f = 10KHz
0.15
0.8
0.12
0.5
0.08
0.4
0.5
%
%
%
%
%
%
RI
Input Impedance
f = 1kHz
30
k
Ω
BW
Small signal bandwidth (-3dB)
PO =1W; RL =4
Ω VS = 14V
50 to 40,000
Hz
GV
Voltage Gain (open loop)
f = 1kHz
75
dB
GV
Voltage Gain (closed loop)
f = 1kHz
39
40
41
dB
eN
Total Input Noise
B = 22 - 22,000Hz
Rs =50
Ω
Rs =1k
Ω
Rs = 10k
Ω
1.7
2
36
mV
µV
µV
S/N
Signal to Noise Ratio
VS = 18V; RL =8
Ω
PO =5W; RS = 10K
Ω
86
dB
SVR
Supply Voltage Rejection
VS = 16.5V; RL =8
Ω; f = 100Hz
Rs = 10k
Ω; Vr = 0.5Vrms
40
50
dB
Tsd
Thermal shut-down Junction
Temperature
150
°C
MUTE FUNCTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vm
Pin 4 DC Voltage
Mute SW Open (play)
6.4
V
ATTm
Muting Attenuation
f = 100Hz to 10kHz
60
65
dB
TDA7245
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com