Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7245 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7245
Description  5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7245 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7245 Datasheet HTML 1Page - STMicroelectronics TDA7245 Datasheet HTML 2Page - STMicroelectronics TDA7245 Datasheet HTML 3Page - STMicroelectronics TDA7245 Datasheet HTML 4Page - STMicroelectronics TDA7245 Datasheet HTML 5Page - STMicroelectronics TDA7245 Datasheet HTML 6Page - STMicroelectronics TDA7245 Datasheet HTML 7Page - STMicroelectronics TDA7245 Datasheet HTML 8Page - STMicroelectronics TDA7245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
30
V
IO
Output Peak Current (non repetitive t = 100
µs)
3
A
IO
Output Peak Current (repetitive, f > 20Hz)
2.5
A
Ptot
Power Dissipation at Tamb =80
°C
at
Tcase =70
°C
1
6
W
W
Tstg,Tj
Storage and junction Temperature
-40 to 150
°C
PIN CONNECTION (Top view)
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Rth j-amb
Thermal Resistance junction-case
Thermal Resistance junction-ambient
Max
Max
15
70
°C/W
°C/W
TDA7245
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com