Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7245 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7245
Description  5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7245 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7245 Datasheet HTML 1Page - STMicroelectronics TDA7245 Datasheet HTML 2Page - STMicroelectronics TDA7245 Datasheet HTML 3Page - STMicroelectronics TDA7245 Datasheet HTML 4Page - STMicroelectronics TDA7245 Datasheet HTML 5Page - STMicroelectronics TDA7245 Datasheet HTML 6Page - STMicroelectronics TDA7245 Datasheet HTML 7Page - STMicroelectronics TDA7245 Datasheet HTML 8Page - STMicroelectronics TDA7245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTCS (Continued)
STAND-BY FUNCTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vst-by
Pin 5 DC Voltage
Mute SW Open (play)
6.4
V
Ist-by
Pin 5 Current
Mute SW Closed (st-by)
160
280
µA
ATTst-by
Stand-by Attenuation
f = 100Hz to 10kHz
70
90
dB
Vt
Stand-by Threshold (pin 5)
3.8
V
Id st-by
Stand-by Current
VS = 14V
1
3
mA
Note (*):
MUSIC POWER CONCEPT
MUSIC POWER is ( according to the IEC clauses n.268-3 of Jan 83) the maximal power which the amplifier is capable of producing across the
rated load resistance (regardless of non linearity) 1 sec after the application of a sinusoidal input signal of frequency 1KHz.
According to this definition our method of measurement comprises the following steps:
1) Set the voltage supply at the maximum operating value -20%
2) Apply a input signal in the form of a 1KHz tone burst of 1 sec duration; the repetition period of the signal pulses is > 60 sec
3) The output voltage is measured 1 sec from the start of the pulse
4) Increase the input voltage until the output signal show a THD = 10%
5) The music power is then V
2
out
/R1, where Vout is the output voltage measured in the condition of point 4) and R1 is the rated load impedance
The target of this method is to avoid excessive dissipation in the amplifier.
Figure 2: Schematic Diagram
TDA7245
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com