Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1905 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA1905
Description  5W AUDIO AMPLIFIER WITH MUTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1905 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA1905 Datasheet HTML 6Page - STMicroelectronics TDA1905 Datasheet HTML 7Page - STMicroelectronics TDA1905 Datasheet HTML 8Page - STMicroelectronics TDA1905 Datasheet HTML 9Page - STMicroelectronics TDA1905 Datasheet HTML 10Page - STMicroelectronics TDA1905 Datasheet HTML 11Page - STMicroelectronics TDA1905 Datasheet HTML 12Page - STMicroelectronics TDA1905 Datasheet HTML 13Page - STMicroelectronics TDA1905 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the following advantages:
1) An overload on the output (even if it is permanent), or an above limit ambient temperature can be easily
tolerated since the Tj cannot be higher than 150
°C.
2) The heatsink can have a smaller factor of safety compared with that of a conventional circuit. There is
no possibility of device damage due to high junction temperature.
If for any reason, the junction temperatureincreases up to 150
°C, the thermalshut-down simply reduces
the power dissipation and the current consumption.
The maximum allowable power dissipation depends upon the size of the external heatsink (i.e. its thermal
resistance); fig. 32 shows this dissipable power as a function of ambient temperature for different thermal
resistance.
Figure 30. Output power
and drain current vs. case
temperature
Figure 31. Output power
and drain current vs. case
temperature
Figure 32. Maximum allo-
wable power dissipation
vs. ambient temperature
MOUNTING INSTRUCTION : See TDA1904
TDA1905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com