Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7253 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7253
Description  8W AMPLIFIER WITH MUTING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7253 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7253 Datasheet HTML 1Page - STMicroelectronics TDA7253 Datasheet HTML 2Page - STMicroelectronics TDA7253 Datasheet HTML 3Page - STMicroelectronics TDA7253 Datasheet HTML 4Page - STMicroelectronics TDA7253 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
35
V
IO
Output Peak Current (repetitive f >20Hz)
2.5
A
IO
Output Peak Current (non repetitive, t = 100
µs)
3.5
A
Ptot
Total Power Dissipation (Tcase =70
°C)
25
W
Top
Operating Temperature Range
0 to 70
°C
Tstg,Tj
Storage & Junction Temperature
-40 to 150
°C
1
2
3
4
5
6
7
9
10
11
8
N.C.
+Vs
OUTPUT
N.C.
GND
NON INVERTING INPUT
INVERTING INPUT
SVR/MUTING
N.C.
N.C.
N.C.
D93AU037A
PIN CONNECTION (Top view)
Figure 1: Application Circuit
TDA7253
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com