Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7253 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7253
Description  8W AMPLIFIER WITH MUTING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7253 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7253 Datasheet HTML 1Page - STMicroelectronics TDA7253 Datasheet HTML 2Page - STMicroelectronics TDA7253 Datasheet HTML 3Page - STMicroelectronics TDA7253 Datasheet HTML 4Page - STMicroelectronics TDA7253 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CLIPWATT11 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.10
0.122
B
1.10
0.04
C
0.15
0.006
D
1.50
0.059
E
0.52
0.02
F
0.80
0.03
G
1.70
0.066
G1
17.00
0.66
H1
12.00
0.48
H3
20.00
0.79
L
17.90
0.70
L1
14.40
0.57
L2
11.00
0.43
M
2.54
0.1
M1
2.54
0.1
TDA7253
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com