Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7253 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7253
Description  8W AMPLIFIER WITH MUTING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7253 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7253 Datasheet HTML 1Page - STMicroelectronics TDA7253 Datasheet HTML 2Page - STMicroelectronics TDA7253 Datasheet HTML 3Page - STMicroelectronics TDA7253 Datasheet HTML 4Page - STMicroelectronics TDA7253 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test and application circuit, VS = 26V; RL =8Ω;
Gv = 30dB; f = 1KHz; Tamb =25
°C unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
10
32
V
VO
Quiescent Output Voltage
12.5
V
Iq
Total Quiescent Current
40
mA
PO
Output Power
d = 10%
d= 1%
810
8
W
W
d
Total Harmonic Distortion
PO = 1W
0.03
%
RI
Input Resistance
100
200
K
Ω
fL
Low Frequency Roll-off (-3dB)
40
Hz
fH
High Frequency Roll-off (-3dB)
80
KHz
eN
Total Input Noise Voltage
A Curve; RS = 10K
Ω
2mV
f = 22Hz to 22KHz; RS = 10K
Ω
2.5
10
µV
SVR
Supply Voltage Rejection
RS = 10K
Ω; f = 100Hz; Vr = 0.5V
60
dB
VTMUTE
Mute Threshold
0.8
V
VTPLAY
Play Threshold
5
V
AM
Mute Attenuation
80
100
dB
IqMUTE
Quiescent Current Mute
7
10
mA
Note: to avoid pop-on noise
CF
CSVR
≤ 1
Figure 1: Output Power vs. Supply Voltage
8
12
16
20
24
28
Vs(V)
D94AU131
20
25
30
35
40
45
Iq
(mA)
Figure 2: Quiescent Current vs. Supply Voltage
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction to case
Max
3
°C/W
TDA7253
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com