Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7260 Datasheet (PDF) - STMicroelectronics

TDA7260 Datasheet PDF - STMicroelectronics
Part # TDA7260
Download  TDA7260 Download
File Size   658.2 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH EFFICIENCY AUDIO PWM DRIVER

TDA7260 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7260 Datasheet PDF - STMicroelectronics

Part # TDA7260
Download  TDA7260 Click to download

File Size   658.2 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH EFFICIENCY AUDIO PWM DRIVER

TDA7260 Datasheet (HTML) - STMicroelectronics


TDA7260 Product details

■ HIGH EFFICIENCY
■ Po=30 W WITH POWER MOS BRIDGE
■ LOW DISTORTION
■ SINGLE SUPPLY OPERATION
■MUTING FACILITY
■ THERMAL AND SHORT-CIRCUIT PROTEC-
TION
■ DUMP PROTECTION

DESCRIPTION
The TDA7260 is a new type of audio driver mainly
intended for use in car radio applications. In con-
junction with four POWER MOS in bridge configu-
ration it can deliver 30W (d 3% RL = 2 92). The
device acts in "class D" as a pulse width modulation
circuit. That permits a very high efficiency (> 80% at
rated output power) so no heatsinks are needed.
Moreover, a built-in limiter reduces the clipping ef-
fects. The TDA7260 is a monolithic integrated cir-
cuit in a 20 lead dual in line plastic package.




Similar Part No. - TDA7260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
25W MONO AMPLIFIER WITH MUTE/ST-BY
1997-Feb
TDA7262 STMICROELECTRONICS-TDA7262 Datasheet
92Kb / 8P
2020W STEREO AMPLIFIER WITH STAND-BY
1995-Mar
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
logo
STMicroelectronics
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
More results


Similar Description - TDA7260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV590 TI-DRV590 Datasheet
237Kb / 16P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI-DRV591 Datasheet
141Kb / 16P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
STMicroelectronics
TDA7570 STMICROELECTRONICS-TDA7570 Datasheet
285Kb / 17P
250W PWM high efficiency power audio amplifier
29-Aug-2007
logo
Texas Instruments
DRV595 TI-DRV595 Datasheet
995Kb / 24P
15V/짹3A High-Efficiency PWM Power Driver
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_15 Datasheet
153Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Texas Instruments
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
Diodes Incorporated
AL9910EV5 DIODES-AL9910EV5 Datasheet
226Kb / 8P
PWM high-efficiency LED driver control IC
JUNE 2011
AL9910EV6 DIODES-AL9910EV6 Datasheet
254Kb / 12P
PWM high-efficiency LED driver control IC.
JUNE 2011
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com