Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7262 Datasheet (PDF) - STMicroelectronics

TDA7262 Datasheet PDF - STMicroelectronics
Part # TDA7262
Download  TDA7262 Download
File Size   92.24 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2020W STEREO AMPLIFIER WITH STAND-BY

TDA7262 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7262 Datasheet PDF - STMicroelectronics

Part # TDA7262
Download  TDA7262 Click to download

File Size   92.24 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2020W STEREO AMPLIFIER WITH STAND-BY

TDA7262 Datasheet (HTML) - STMicroelectronics


TDA7262 Product details

DESCRIPTION
The TDA7262 is class AB dual Hi-Fi Audio power amplifier assembled in Multiwatt package, specilally designed for high quality stereo application as Hi-Fi music centers and TV sets.

■ WIDE SUPPLY VOLTAGE RANGE
■ HIGH OUTPUT POWER
   28+28W TYP. MUSIC POWER
   20+20W @ THD = 10%, RL = 4Ω, VS = 28V
■ HIGH CURRENT CAPABILITY (UP TO 3.5A)
■ STAND-BY FUNCTION
■ AC SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
25W MONO AMPLIFIER WITH MUTE/ST-BY
1997-Feb
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
logo
STMicroelectronics
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
More results


Similar Description - TDA7262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
6W AUDIO AMPLIFIER WITH STAND-BY
May-1997
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7499 UTC-TDA7499 Datasheet
228Kb / 5P
6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com