Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7499 Datasheet (PDF) - Unisonic Technologies

TDA7499 Datasheet PDF - Unisonic Technologies
Part # TDA7499
Download  TDA7499 Download
File Size   228.71 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY

TDA7499 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7499 Datasheet PDF - Unisonic Technologies

Part # TDA7499
Download  TDA7499 Click to download

File Size   228.71 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY

TDA7499 Datasheet (HTML) - Unisonic Technologies


TDA7499 Product details

■ DESCRIPTION
The UTC TDA7499 is class AB dual Audio Power Amplifier and designed for high quality sound application as Hi-Fi music centers and stereo TV sets.

■ FEATURES
* Wide supply voltage range up to ±18V
* 6 + 6W @ THD =10%, RL = 8Ω, VS = +14V
* No POP at Turn-On/Off
* MUTE (POP free)
* STAND-BY feature (Low Iq)
* Short circuit protection to GND
* Thermal overload protection




Similar Part No. - TDA7499

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7499 STMICROELECTRONICS-TDA7499 Datasheet
70Kb / 7P
6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
May-1997
TDA7499SA STMICROELECTRONICS-TDA7499SA Datasheet
156Kb / 11P
6W6W STEREO AMPLIFIER WITH MUTE & ST-B
Aug-2004
More results


Similar Description - TDA7499

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7499 STMICROELECTRONICS-TDA7499 Datasheet
70Kb / 7P
6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
May-1997
TDA7499SA STMICROELECTRONICS-TDA7499SA Datasheet
156Kb / 11P
6W6W STEREO AMPLIFIER WITH MUTE & ST-B
Aug-2004
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com