Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7262 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7262
Description  2020W STEREO AMPLIFIER WITH STAND-BY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7262 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7262 Datasheet HTML 1Page - STMicroelectronics TDA7262 Datasheet HTML 2Page - STMicroelectronics TDA7262 Datasheet HTML 3Page - STMicroelectronics TDA7262 Datasheet HTML 4Page - STMicroelectronics TDA7262 Datasheet HTML 5Page - STMicroelectronics TDA7262 Datasheet HTML 6Page - STMicroelectronics TDA7262 Datasheet HTML 7Page - STMicroelectronics TDA7262 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APPLICATION SUGGESTION
The recommended values of the components are those shown on application circuit of Figure 1. Differ-
ent values can be used; the following table can help the designer.
Component
Recomm.
Value
Purpose
Larger than
Smaller than
R1 and R3
1.3K
Close loop gain setting (*)
Increase of gain
Decrease of gain
R2 and R4
18
Decrease of gain
Increase of gain
R5 and R6
1
Frequency stability
Danger of oscillations
C1 and C2
2.2
µF
Input DC decoupling
higher turn-on delay
- worse turn-ON pop
- higer low freq. cutoff.
Increase of noise
C3
22
µF (**)
- Ripple rejection
- Stand-by time constant
Increase of the
Switch-on time
- Degradation of SVR
- worse turn-OFF pop by
stand-by
C4
100nF
Supply setting
Danger of oscillations
C5
1000
µF
Supply setting
worse turn-OFF pop
C6 and C7
220
µF
Feedback input DC
decoupling
C8 and C9
0.1
µF
Frequency stability
Danger of oscillations
C10 and C11
1000
µFto
2200
µF
Output DC decoupling
Higher low-frequency
cut-off
(*) Closed loop gain must be higher than 26dB.
(**) 220
µF in case of stand-by utilization.
Figure 2: Ouput Power vs. Supply Voltage
Figure 3: Ouput Power vs. Supply Voltage
TDA7262
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com