Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7262 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7262
Description  2020W STEREO AMPLIFIER WITH STAND-BY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7262 Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7262 Datasheet HTML 1Page - STMicroelectronics TDA7262 Datasheet HTML 2Page - STMicroelectronics TDA7262 Datasheet HTML 3Page - STMicroelectronics TDA7262 Datasheet HTML 4Page - STMicroelectronics TDA7262 Datasheet HTML 5Page - STMicroelectronics TDA7262 Datasheet HTML 6Page - STMicroelectronics TDA7262 Datasheet HTML 7Page - STMicroelectronics TDA7262 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BUILD-IN PROTECTION SYSTEMS
Thermal shut-down
The presence of a thermal limiting circuit offers
the following advantages:
1) an overload on the output (even if it is perma-
nent), or an excessive ambient temperature
can be easily withstood.
2) the heatsink can have a smaller factor of
safety compared with that of a conventional
circuit. There is no device damage in the case
of excessive junction temperature; all that
happens is that PO ( and therefore Ptot) and
IO are reduced. The maximum allowable
power dissipation depends upon the size of
the external heatsink (i.e. its thermal resis-
tance); Figure 12 shows this dissipable power
as a function of ambient temperature for dif-
ferent thermal resistance.
Short circuit (AC Conditions)
The TDA7262 can withstand accidental short cir-
cuits across the speaker made by a wrong con-
nection during normal play operation.
MOUNTING INSTRCTIONS
The power dissipated in the circuit must be re-
moved by adding an external heatsink.
Thanks to the MULTIWATT package attaching
the heatsink is very simple, a screw or a com-
pression spring (clip) being sufficient. between
the heatsink and the package it is better to insert
a layer of silicon grease, to optimize the thermal
contact; no electrical isolation is needed between
the two surfaces.
Figure 11: Total Power Dissipation & Efficiency
vs. Output Power
Figure 12
TDA7262
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com