Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7262 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7262
Description  2020W STEREO AMPLIFIER WITH STAND-BY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7262 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7262 Datasheet HTML 1Page - STMicroelectronics TDA7262 Datasheet HTML 2Page - STMicroelectronics TDA7262 Datasheet HTML 3Page - STMicroelectronics TDA7262 Datasheet HTML 4Page - STMicroelectronics TDA7262 Datasheet HTML 5Page - STMicroelectronics TDA7262 Datasheet HTML 6Page - STMicroelectronics TDA7262 Datasheet HTML 7Page - STMicroelectronics TDA7262 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TDA7262
20+20W STEREO AMPLIFIER WITH STAND-BY
WIDE SUPPLY VOLTAGE RANGE
HIGH OUTPUT POWER
28+28W TYP. MUSIC POWER
20+20W @ THD = 10%, RL =4
Ω,VS = 28V
HIGH CURRENT CAPABILITY (UP TO 3.5A)
STAND-BY FUNCTION
AC SHORT CIRCUIT PROTECTION
THERMAL OVERLOAD PROTECTION
DESCRIPTION
The TDA7262 is class AB dual Hi-Fi Audio power
amplifier assembled in Multiwatt package, spe-
cilally designed for high quality stereo application
as Hi-Fi music centers and TV sets.
March 1995
Figure 1: Stereo Application Circuit with Stand-By
MULTIWA TT11
ORDERING NUMBER: TDA7262
1/8


Similar Part No. - TDA7262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
25W MONO AMPLIFIER WITH MUTE/ST-BY
1997-Feb
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
logo
STMicroelectronics
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
More results

Similar Description - TDA7262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
6W AUDIO AMPLIFIER WITH STAND-BY
May-1997
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7499 UTC-TDA7499 Datasheet
228Kb / 5P
6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com