Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7262 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7262
Description  2020W STEREO AMPLIFIER WITH STAND-BY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7262 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7262 Datasheet HTML 1Page - STMicroelectronics TDA7262 Datasheet HTML 2Page - STMicroelectronics TDA7262 Datasheet HTML 3Page - STMicroelectronics TDA7262 Datasheet HTML 4Page - STMicroelectronics TDA7262 Datasheet HTML 5Page - STMicroelectronics TDA7262 Datasheet HTML 6Page - STMicroelectronics TDA7262 Datasheet HTML 7Page - STMicroelectronics TDA7262 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
2.5
°C/W
ELECTRICAL CHARACTERISTICS (Refer to the stereo test circuit, VS = 28V; f = 1KHz; Tamb =25
°C,
unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
8
32
V
VO
Quiescent Output Voltage
VS = 32V
15.5
V
Id
Total Quiescent Current
VS = 28V
VS = 32V
65
70
120
mA
mA
PO
Output Power (each channel)
Music Power STD rules (T = 1s)
VS = 32V; d = 10%; RL =4
28
W
d = 10%
RL =4
RL =8
10
22
13
W
W
d= 1%
RL =4
RL =8
18
10
W
W
d
Total Harmonic Distortion
f = 100Hz to 10KHz
PO = 0.1 to 14W; RL =4
PO = 0.1 to 8W; RL =8
0.2
0.1
%
%
CT
Cross Talk
RL =4
RS = 100
f = 1KHz
f = 10KHz
60
50
dB
dB
Vi
Input Saturation Voltage
(Vrms)
300
mV
Ri
Input Resistance
f = 1KHz; non inverting Input
70
200
K
fL
Low Frequency roll-off (-3dB)
RL =4
40
Hz
fH
High Frequency roll-off (-3dB)
RL =4
80
KHz
GV
Closed Loop Voltage Gain
f = 1KHz
35.5
36
36.5
dB
∆GV
Closed Loop Gain match
0.5
dB
eN
Total Input Noise Voltage
A Curve; RS = 10K
1.5
µV
f = 22Hz to 22KHz; RS = 10K
2.5
8
µV
SVR
Supply Voltage Rejection
(each channel)
RS = 0 to 10K
Ω;fr = 100Hz
Vr = 0.5V
55
dB
Tj
Thermal Shutdown Junction
Temperature
145
°C
STAND-BY FUNCTION
V3
Stand-By Threshold
VS = 32V
0.45
0.9
V
AM
Stand-By Attenuation
VS = 32V; V3 < 0.45V
60
100
dB
IM
Stand-By Quiescent Current
VS = 32V; V3 < 0.45V
3
5
mA
TDA7262
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com