Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7261 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7261
Description  25W MONO AMPLIFIER WITH MUTE/ST-BY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7261 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7261 Datasheet HTML 1Page - STMicroelectronics TDA7261 Datasheet HTML 2Page - STMicroelectronics TDA7261 Datasheet HTML 3Page - STMicroelectronics TDA7261 Datasheet HTML 4Page - STMicroelectronics TDA7261 Datasheet HTML 5Page - STMicroelectronics TDA7261 Datasheet HTML 6Page - STMicroelectronics TDA7261 Datasheet HTML 7Page - STMicroelectronics TDA7261 Datasheet HTML 8Page - STMicroelectronics TDA7261 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VS + 20V; RL =8
Ω;Rs =50Ω;
f = 1KHz; Tamb =25
°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
+5
+22.5
V
Iq
Total Quiescent Current
30
mA
PO
Music Output Power (*)
THD = 10%; RL =8
Ω ;
VS + 28.5V;
32
W
PO
Output Power
THD = 10%
RL =8
Ω ;
VS + 16V; RL =4
Ω
20
25
25
W
W
THD = 1%
RL =8
Ω ;
VS + 16V; RL =4
Ω
20
20
W
W
THD
Total Harmonic Distortion
RL =8
Ω ;PO = 1W; f = 1KHz
0.02
%
RL =8
Ω ;
PO = 0.1 to 15W;
f = 100Hz to 15KHz
0.5
%
RL =4
Ω ;PO = 1W; f = 1KHz
0.03
%
RL =4
Ω ;VS + 16V;
PO = 0.1 to 12W;
f = 100Hz to 15KHz
1%
SR
Slew Rate
10
V/
µs
GV
Closed Loop Voltage Gain
29
30
31
dB
∆GV
Voltage Gain Matching
0.2
dB
eN
Total Input Noise
A Curve
f = 20Hz to 22KHz
2.5
3.5
8
µV
µV
Ri
Input Resistance
15
20
K
Ω
SVR
Supply Voltage Rejection
fr = 100Hz; Vripple = 0.5VRMS
60
dB
Tj
Thermal Shut-down
Junction Temperature
145
°C
MUTE FUNCTION [ref: +VS]
VTMUTE
Mute / Play Threshold
-7
-6
-5
V
AM
Mute Attenuation
60
90
dB
STAND-BY FUNCTION [ref: +VS]
VTST-BY
Stand-by / Mute Threshold
-3.5
-2.5
-1.5
V
AST-BY
Stand-by Attenuation
110
dB
Iq ST-BY
Quiescent Current @ Stand-by
3
mA
Note :
(*) FULL POWER up to.VS =
±22.5V with RL =8Ω and VS = ±16V with RL =4Ω
MUSIC POWER is the maximal power which the amplifier is capable of producing across the rated load resistance (regardless of non linearity)
1 sec after the application of a sinusoidal input signal of frequency 1KHz.
TDA7261
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com