Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7261 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7261
Description  25W MONO AMPLIFIER WITH MUTE/ST-BY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7261 Datasheet(HTML) 7 Page - STMicroelectronics

  TDA7261 Datasheet HTML 1Page - STMicroelectronics TDA7261 Datasheet HTML 2Page - STMicroelectronics TDA7261 Datasheet HTML 3Page - STMicroelectronics TDA7261 Datasheet HTML 4Page - STMicroelectronics TDA7261 Datasheet HTML 5Page - STMicroelectronics TDA7261 Datasheet HTML 6Page - STMicroelectronics TDA7261 Datasheet HTML 7Page - STMicroelectronics TDA7261 Datasheet HTML 8Page - STMicroelectronics TDA7261 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MUTE STAND-BY FUNCTION
The pin 4 (MUTE/STAND-BY) controls the ampli-
fier status by two different theresholds, referred to
+VS.
- When Vpin4 higher than = +VS - 2.5V the
amplifier is in Stand-by mode and the final
stage generators are off.
-When Vpin4 is between +VS - 2.5V and +VS
- 6V the final stage current generators are
switched on and the amplifier is in mute
mode.
- When Vpin4 is lower than +VS - 6V the am-
plifier is play mode.
t
OFF
STDBY
MUTE
MUTE
MUTE
MUTE
PLAY
STDBY
PLAY
OFF
STDBY
20
+VS
(V)
-20
-VS
VIN
(mV)
Vpin4
(V)
VS
VS-2.5
VS-6
VS-10
Iq
(mA)
0
VOUT
(V)
D94AU084
Figure 10
TDA7261
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com