Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7261 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7261
Description  25W MONO AMPLIFIER WITH MUTE/ST-BY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7261 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7261 Datasheet HTML 1Page - STMicroelectronics TDA7261 Datasheet HTML 2Page - STMicroelectronics TDA7261 Datasheet HTML 3Page - STMicroelectronics TDA7261 Datasheet HTML 4Page - STMicroelectronics TDA7261 Datasheet HTML 5Page - STMicroelectronics TDA7261 Datasheet HTML 6Page - STMicroelectronics TDA7261 Datasheet HTML 7Page - STMicroelectronics TDA7261 Datasheet HTML 8Page - STMicroelectronics TDA7261 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7261
25W MONO AMPLIFIER WITH MUTE/ST-BY
WIDE SUPPLY VOLTAGE RANGE (UP TO
50V ABS MAX.)
SPLIT SUPPLY
HIGH OUTPUT POWER:
25W @ THD =10%, RL =8
Ω,VS = +20V
NO POP AT TURN-ON/OFF
MUTE (POP FREE)
STAND-BY FEATURE (LOW IQ)
FEW EXTERNAL COMPONENTS
SHORT CIRCUIT PROTECTION
THERMAL OVERLOAD PROTECTION
DESCRIPTION
The TDA7261 is class AB Audio power amplifier
assembled in the Multiwatt package, specially de-
signed for high quality sound application in mono
TV chassis.
February 1997
Multiwatt 8
ORDERING NUMBER: TDA7261
+5V
18K
15K
IN
1
µF
15K
1
µF
MUTE/
ST-BY
GND
4.7
Ω
100nF
OUT
1000
µF
1000
µF
+VS
2
4
6
7
5
3
+
-
D94AU088
RL
+VS
-VS
µP
Figure 1: Typical Application Circuit
1/9


Similar Part No. - TDA7261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
TDA7262 STMICROELECTRONICS-TDA7262 Datasheet
92Kb / 8P
2020W STEREO AMPLIFIER WITH STAND-BY
1995-Mar
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
logo
STMicroelectronics
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
More results

Similar Description - TDA7261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
107Kb / 7P
10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
Sep-1995
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com