Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7269A Datasheet (PDF) - STMicroelectronics

TDA7269A Datasheet PDF - STMicroelectronics
Part # TDA7269A
Download  TDA7269A Download
File Size   54.58 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1414W STEREO AMPLIFIER WITH MUTE & ST-BY

TDA7269A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7269A Datasheet PDF - STMicroelectronics

Part # TDA7269A
Download  TDA7269A Click to download

File Size   54.58 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1414W STEREO AMPLIFIER WITH MUTE & ST-BY

TDA7269A Datasheet (HTML) - STMicroelectronics


TDA7269A Product details

DESCRIPTION
The TDA7269A is class AB Dual Audio Power amplifier assembled in the Multiwatt package, specially designed for high quality sound application as Hi-Fi music centers and stereo TV sets.

■ WIDE SUPPLY VOLTAGE RANGE UP TO +20V
■ SPLIT SUPPLY
■ HHIGH OUTPUT POWER 14+14W
   @THD = 10%, RL= 8Ω, VS = ±16V
■ NO POP AT TURN-ON/OFF
■ MUTE (POP FREE)
■ STAND-BY FEATURE (LOW Iq)
■ SHORT CIRCUIT PROTECTION TO GND
■ THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7269A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
More results


Similar Description - TDA7269A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
logo
Unisonic Technologies
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com