Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7265B Datasheet (PDF) - STMicroelectronics

TDA7265B Datasheet PDF - STMicroelectronics
Part # TDA7265B
Download  TDA7265B Download
File Size   814.5 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 W 30 W stereo amplifier with mute and standby

TDA7265B Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7265B Datasheet PDF - STMicroelectronics

Part # TDA7265B
Download  TDA7265B Click to download

File Size   814.5 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 W 30 W stereo amplifier with mute and standby

TDA7265B Datasheet (HTML) - STMicroelectronics


TDA7265B Product details

Description

The TDA7265B is class-AB dual audio power amplifier assembled in the Multiwatt package, especially designed for high-quality sound



Features

■ Wide-range supply voltage (up to ± 35 V ABS max.)

■ Split supply

■ High output power

■ 30 W + 30 W at THD=10%, RL = 8 Ω, VS ± 23 V

■ 25 W + 25 W at THD=1%, RL = 8 Ω, VS ± 23 V

■ No “pop” at turn-on/off

■ Mute (“pop-free”)

■ Standby feature (low IQ)

■ Short-circuit protection

■ Thermal overload protection




Similar Part No. - TDA7265B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
399Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
TDA7265G-J11-A-T UTC-TDA7265G-J11-A-T Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Similar Description - TDA7265B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
STMicroelectronics
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
40 W 40 W stereo amplifier with mute and standby
29-Feb-2012
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com