Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7292 Datasheet (PDF) - STMicroelectronics

TDA7292 Datasheet PDF - STMicroelectronics
Part # TDA7292
Download  TDA7292 Download
File Size   337.17 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 W 40 W stereo amplifier with mute and standby

TDA7292 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7292 Datasheet PDF - STMicroelectronics

Part # TDA7292
Download  TDA7292 Click to download

File Size   337.17 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 W 40 W stereo amplifier with mute and standby

TDA7292 Datasheet (HTML) - STMicroelectronics


TDA7292 Product details

Description

The TDA7292 is a class-AB dual audio power amplifier assembled in a Multiwatt package. It has been specifically designed for high-quality sound applications such as hi-fi music centers and stereo TV sets.



Features

■ Wide supply voltage range (up to ± 33 V)

■ Split supply

■ High output power

■ 40 W + 40 W into 8 Ω

with VS = ±26 V and THD = 10%

■ No “pop” at turn on/off

■ Mute (“pop”-free)

■ Standby feature (low Iq)

■ Short-circuit protection

■ Thermal overload protection




Similar Part No. - TDA7292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Dec-1999
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
396Kb / 21P
120-volt, 100-watt, DMOS audio amplifier with mute and standby
24-Sep-2010
TDA7293HS STMICROELECTRONICS-TDA7293HS Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7293HS STMICROELECTRONICS-TDA7293HS Datasheet
396Kb / 21P
120-volt, 100-watt, DMOS audio amplifier with mute and standby
24-Sep-2010
More results


Similar Description - TDA7292

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
logo
Sanyo Semicon Device
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com