Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7292 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 5Page - STMicroelectronics TDA7292 Datasheet HTML 6Page - STMicroelectronics TDA7292 Datasheet HTML 7Page - STMicroelectronics TDA7292 Datasheet HTML 8Page - STMicroelectronics TDA7292 Datasheet HTML 9Page - STMicroelectronics TDA7292 Datasheet HTML 10Page - STMicroelectronics TDA7292 Datasheet HTML 11Page - STMicroelectronics TDA7292 Datasheet HTML 12Page - STMicroelectronics TDA7292 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TDA7292
Characterization curves
Doc ID 15775 Rev 5
9/22
Figure 5.
Output power vs. supply voltage
Figure 6.
Output power vs. supply voltage
Figure 7.
Output power vs. supply voltage
0
4
8
12
16
20
24
28
32
8
101214
16
1820
Pout (W)
Vs (+/-V)
THD=10%
THD=1%
Rl = 4 ohm
f = 1Kz
0
4
8
12
16
20
24
28
32
8
101214
16
1820
Pout (W)
Vs (+/-V)
THD=10%
THD=1%
Rl = 4 ohm
f = 1Kz
0
4
8
12
16
20
24
28
32
36
40
44
10
12
14
16
18
20
22
24
Pout (W)
Vs (+/-V)
Rl = 6 Ohm
f = 1Kz
THD=1%
THD=10%
0
4
8
12
16
20
24
28
32
36
40
44
10
12
14
16
18
20
22
24
Pout (W)
Vs (+/-V)
Rl = 6 Ohm
f = 1Kz
THD=1%
THD=10%
0
5
10
15
20
25
30
35
40
45
50
10
12
14
26
28
20
22
24
26
28
30
Rl = 8 Ohm
f = 1Kz
Vs (+/-V)
Pout (W)
THD=10%
THD=1%
0
5
10
15
20
25
30
35
40
45
50
10
12
14
26
28
20
22
24
26
28
30
Rl = 8 Ohm
f = 1Kz
Vs (+/-V)
Pout (W)
THD=10%
THD=1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com