Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7292 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 8Page - STMicroelectronics TDA7292 Datasheet HTML 9Page - STMicroelectronics TDA7292 Datasheet HTML 10Page - STMicroelectronics TDA7292 Datasheet HTML 11Page - STMicroelectronics TDA7292 Datasheet HTML 12Page - STMicroelectronics TDA7292 Datasheet HTML 13Page - STMicroelectronics TDA7292 Datasheet HTML 14Page - STMicroelectronics TDA7292 Datasheet HTML 15Page - STMicroelectronics TDA7292 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Characterization curves
TDA7292
12/22
Doc ID 15775 Rev 5
Figure 14.
Power dissipation vs. output power
Figure 15.
Power dissipation vs. output power
Figure 16.
Power dissipation vs. output power
0
5
10
15
20
25
30
35
40
0.1
1
10
100
Rl =4 Ohm
f = 1KHz
Vs= +/- 18V
(A)
Vs= +/- 16V
(B)
Vs= +/- 14V
(C)
A
2xPout (W)
Pdiss(W)
B
C
0
5
10
15
20
25
30
35
40
0.1
1
10
100
Rl =4 Ohm
f = 1KHz
Vs= +/- 18V
(A)
Vs= +/- 16V
(B)
Vs= +/- 14V
(C)
A
2xPout (W)
Pdiss(W)
B
C
Rl =4 Ohm
f = 1KHz
Vs= +/- 18V
(A)
Vs= +/- 16V
(B)
Vs= +/- 14V
(C)
A
2xPout (W)
Pdiss(W)
B
C
0
5
10
15
20
25
30
35
40
45
50
0.1110
100
Pdiss(W)
Rl =6 Ohm
f = 1KHz
Vs= +/- 24V (A)
Vs= +/- 22V (B)
Vs= +/-20V (C)
A
B
C
2xPout(W)
0
5
10
15
20
25
30
35
40
45
50
0.1110
100
Pdiss(W)
Rl =6 Ohm
f = 1KHz
Vs= +/- 24V (A)
Vs= +/- 22V (B)
Vs= +/-20V (C)
A
B
C
2xPout(W)
Rl =6 Ohm
f = 1KHz
Vs= +/- 24V (A)
Vs= +/- 22V (B)
Vs= +/-20V (C)
A
B
C
2xPout(W)
0
5
10
15
20
25
30
35
40
0.1
1
10
100
Rl =8 Ohm
f = 1KHz
Vs= +/- 26V (A)
Vs= +/- 24V (B)
Vs= +/-20V (C)
A
B
C
Pdiss (W)
2xPout (W)
Rl =8 Ohm
f = 1KHz
Vs= +/- 26V (A)
Vs= +/- 24V (B)
Vs= +/-20V (C)
A
B
C
Pdiss (W)
2xPout (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com