Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7292 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 9Page - STMicroelectronics TDA7292 Datasheet HTML 10Page - STMicroelectronics TDA7292 Datasheet HTML 11Page - STMicroelectronics TDA7292 Datasheet HTML 12Page - STMicroelectronics TDA7292 Datasheet HTML 13Page - STMicroelectronics TDA7292 Datasheet HTML 14Page - STMicroelectronics TDA7292 Datasheet HTML 15Page - STMicroelectronics TDA7292 Datasheet HTML 16Page - STMicroelectronics TDA7292 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TDA7292
Mute and standby modes
Doc ID 15775 Rev 5
13/22
4
Mute and standby modes
Pin 5 (MUTE/STANDBY) controls the amplifier status by two different thresholds referenced
to +VS as given in Table 5 below. See also Table 4: Electrical specifications on page 6.
Figure 17.
Mute and standby thresholds on pin 5
Table 5.
Mute and standby thresholds on pin 5
Nominal voltage on pin 5,
VPIN5
Mode
Remarks
> +VS - 2.5 V
Standby
Output stages turned off
> +VS - 6.0 V, < +VS - 2.5 V
Mute
Output stages turned on, amplifiers muted
< +VS - 6.0 V
Play
Amplifiers active
t
OFF
STDBY
MUTE
MUTE
MUTE
MUTE
PLAY
STDBY
PLAY
OFF
STDBY
26
+VS
(V)
-26
-VS
VIN
(mV)
Vpin5
(V)
VS
VS-2.5
VS-6
VS-10
Iq
(mA)
0
VOUT
(V)
D04AU1570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com