Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7292 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 11Page - STMicroelectronics TDA7292 Datasheet HTML 12Page - STMicroelectronics TDA7292 Datasheet HTML 13Page - STMicroelectronics TDA7292 Datasheet HTML 14Page - STMicroelectronics TDA7292 Datasheet HTML 15Page - STMicroelectronics TDA7292 Datasheet HTML 16Page - STMicroelectronics TDA7292 Datasheet HTML 17Page - STMicroelectronics TDA7292 Datasheet HTML 18Page - STMicroelectronics TDA7292 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TDA7292
Applications information
Doc ID 15775 Rev 5
15/22
Table 6.
Recommended values
Component
Recommended
value
Purpose
Larger than
recommended
value
Smaller than
recommended
value
R1
10 k
Ω
Mute circuit
Decrease in DZ
biasing current
-
R2
15 k
Ω
Mute circuit
VPIN5 shifted
downwards
VPIN5 shifted
upwards
R3
47 k
Ω
Mute circuit
VPIN5 shifted
upwards
VPIN5 shifted
downwards
R4
15 k
Ω
Mute circuit
VPIN5 shifted
upwards
VPIN5 shifted
downwards
R5, R8
18 k
Ω
Closed-loop gain
setting (1)
1.
Closed-loop gain must be >29 dB
Increase in gain
-
R6, R9
560
Ω
Decrease in gain
-
R7, R10
4.7
Ω
Frequency stability
Danger of oscillation
Danger of oscillation
C1, C2
1
μF
Input AC coupling
-
Higher low-
frequency cutoff
C3
1 µF
Standby/mute time
constant
Larger on/off time
Smaller on/off time
C4, C6
1000
μF
Supply voltage
decoupling
-
Danger of oscillation
C5, C7
0.1
μF
Supply voltage
decoupling
-
Danger of oscillation
C8, C9
0.1
μF
Frequency stability
-
-
Dz
5.1 V
Mute circuit
-
-
Q1
BC107
Mute circuit
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com