Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7292 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 10Page - STMicroelectronics TDA7292 Datasheet HTML 11Page - STMicroelectronics TDA7292 Datasheet HTML 12Page - STMicroelectronics TDA7292 Datasheet HTML 13Page - STMicroelectronics TDA7292 Datasheet HTML 14Page - STMicroelectronics TDA7292 Datasheet HTML 15Page - STMicroelectronics TDA7292 Datasheet HTML 16Page - STMicroelectronics TDA7292 Datasheet HTML 17Page - STMicroelectronics TDA7292 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Applications information
TDA7292
14/22
Doc ID 15775 Rev 5
5
Applications information
Warning:
SOA protection:
If the TDA7292 is operated without a load connected to the
output terminals, the SOA protection circuit could be
activated when a high amplitude and high frequency signal is
applied to the input.
The frequency and amplitude of the signal able to trigger the
protection is a function also of the supply voltage level used.
If the above mentioned condition is possible when the
speakers are not connected, it is recommended to connect
the input to ground or add a dummy resistive load. For
example, a 1-k
Ω / 1-W resistor can be used at Vcc = ±26 V. If a
lower supply voltage is used, the resistor value must be
decreased accordingly.
5.1
Applications with dual supply
Figure 18.
Test and applications circuit (dual supply)
R3
IN (L)
C1
R2
C3
MUTE/
ST-BY
GND
IN (R)
C2
R7
R10
C8
C9
OUT (L)
OUT (R)
C6
C4
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D94AU087B
RL (L)
RL (R)
+VS
-VS
R9
R5
IN- (L)
8
10
IN- (R)
1
SW1
R1
DZ
R4
SW2
C7
R8
R6
C5
Q1
ST-BY
MUTE
SW1 position
SW2 position
Mode
BA
Standby
BB
Standby
AA
Mute
AB
Play
A
A
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com