Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7292 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 13Page - STMicroelectronics TDA7292 Datasheet HTML 14Page - STMicroelectronics TDA7292 Datasheet HTML 15Page - STMicroelectronics TDA7292 Datasheet HTML 16Page - STMicroelectronics TDA7292 Datasheet HTML 17Page - STMicroelectronics TDA7292 Datasheet HTML 18Page - STMicroelectronics TDA7292 Datasheet HTML 19Page - STMicroelectronics TDA7292 Datasheet HTML 20Page - STMicroelectronics TDA7292 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
TDA7292
Applications information
Doc ID 15775 Rev 5
17/22
Figure 21.
PCB component placement
5.2
Applications with single supply
Figure 22.
Typical applications circuit (single supply)
PLAY
5V
R2
15K
IN (L)
C3 1
μF
R1
10K
C1
1
μF
MUTE
IN (R)
C4 1
μF
R8
4.7
Ω
R7
1K
C7
0.1
μF
OUT (L)
OUT (R)
C5
1000
μF
+VS
3
5
7
9
6
11
2
4
+
-
D96AU444A
OUT
(L)
OUT
(R)
GND
R4
30K
IN- (L)
8
10
IN- (R)
1
R5
1K
R6
30K
R9
4.7
Ω
C9 470
μF
C10 470
μF
C8
0.1
μF
R3
15K
0
MUTE
Q1
BS107
C6
0.1
μF
D1 5.1V
C2
100
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com