Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7292 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 7Page - STMicroelectronics TDA7292 Datasheet HTML 8Page - STMicroelectronics TDA7292 Datasheet HTML 9Page - STMicroelectronics TDA7292 Datasheet HTML 10Page - STMicroelectronics TDA7292 Datasheet HTML 11Page - STMicroelectronics TDA7292 Datasheet HTML 12Page - STMicroelectronics TDA7292 Datasheet HTML 13Page - STMicroelectronics TDA7292 Datasheet HTML 14Page - STMicroelectronics TDA7292 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TDA7292
Characterization curves
Doc ID 15775 Rev 5
11/22
Figure 11.
Quiescent current vs. voltage on pin 5
Figure 12.
Attenuation vs. voltage on pin 5
Figure 13.
Crosstalk vs. frequency
0
10
20
30
40
50
60
70
80
90
100
-10
-9
-8-7-6-5
-4-3-2
-1
0
Vpin # 5 (V)
Iq (mA)
Vs=+/-20V
Rl=8Ohm
0V = +Vs
Vi = 0
-100
+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
-10
-0
-9
-8
-7
-6
-5
-4
-3
-2
-1
Attenuation (dB)
Vpin #5 (V)
Vs= +/-20V
Rl= 8 Ohm
f =1KHz
OdB = 1V
0V = +Vs
-100
+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
-10
-0
-9
-8
-7
-6
-5
-4
-3
-2
-1
Attenuation (dB)
Vpin #5 (V)
Vs= +/-20V
Rl= 8 Ohm
f =1KHz
OdB = 1V
0V = +Vs
-80
-30
-75
-70
-65
-60
-55
-50
-45
-40
-35
20
20k
50
100
200
500
1k
2k
5k
10k
Vs=+/- 26V
Rl = 8 Ohm
Rs= 50 Ohm
Left to Right
Right to
Left
Crosstalk (dB)
Frequency (Hz)
-80
-30
-75
-70
-65
-60
-55
-50
-45
-40
-35
20
20k
50
100
200
500
1k
2k
5k
10k
Vs=+/- 26V
Rl = 8 Ohm
Rs= 50 Ohm
Left to Right
Right to
Left
Crosstalk (dB)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com