Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7482 Datasheet (PDF) - STMicroelectronics

TDA7482 Datasheet PDF - STMicroelectronics
Part # TDA7482
Download  TDA7482 Download
File Size   112.77 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25W MONO CLASS-D AMPLIFIER

TDA7482 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7482 Datasheet PDF - STMicroelectronics

Part # TDA7482
Download  TDA7482 Click to download

File Size   112.77 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25W MONO CLASS-D AMPLIFIER

TDA7482 Datasheet (HTML) - STMicroelectronics


TDA7482 Product details

DESCRIPTION
The TDA7482 is an audio class-D amplifier assembled in Multiwatt15 package specially designed for high efficiency applications mainly for TV and Home Stereo sets.

FEATURES
■ 25W OUTPUT POWER: RL = 8Ω/4Ω; THD = 10%
■ HIGH EFFICIENCY
■ WIDE SUPPLY VOLTAGE RANGE (UP TO ±25V)
■ SPLIT SUPPLY
■ OVERVOLTAGEPROTECTION
■ ST-BY AND MUTE FEATURES
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
114Kb / 7P
25W MONO CLASS-D AMPLIFIER
Oct-2004
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
25W MONO CLASS-D AMPLIFIER
Oct-2004
More results


Similar Description - TDA7482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7490 STMICROELECTRONICS-TDA7490 Datasheet
193Kb / 10P
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
Rev. 6
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
25W MONO CLASS-D AMPLIFIER
Oct-2004
logo
Maxim Integrated Produc...
MAX9737 MAXIM-MAX9737 Datasheet
347Kb / 13P
Mono 7W Class D Amplifier
Rev 0; 10/08
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com