Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7481 Datasheet (PDF) - STMicroelectronics

TDA7481 Datasheet PDF - STMicroelectronics
Part # TDA7481
Download  TDA7481 Download
File Size   143.83 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10W MONO CLASS-D AMPLIFIER

TDA7481 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7481 Datasheet PDF - STMicroelectronics

Part # TDA7481
Download  TDA7481 Click to download

File Size   143.83 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10W MONO CLASS-D AMPLIFIER

TDA7481 Datasheet (HTML) - STMicroelectronics


TDA7481 Product details

DESCRIPTION
The TDA7481 is an audio class-D amplifier assembled in Multiwatt15 package specially designed for high efficiency applications mainly for TV and Home Stereo sets.

■ 18W OUTPUT POWER: RL = 8Ω/4Ω; THD = 10%
■ HIGH EFFICIENCY
■ WIDE SUPPLY VOLTAGE RANGE (UP TO ±25V)
■ SPLIT SUPPLY
■ OVERVOLTAGE PROTECTION
■ ST-BY AND MUTE FEATURES
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
114Kb / 7P
25W MONO CLASS-D AMPLIFIER
Oct-2004
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
25W MONO CLASS-D AMPLIFIER
Oct-2004
More results


Similar Description - TDA7481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
Monolithic Power System...
MP7741 MPS-MP7741 Datasheet
507Kb / 14P
10W Class D Mono Single Ended Audio Amplifer
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
logo
Shenzhen Huazhimei Semi...
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
10W anti-breaking sound mono Class D audio power amplifier
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
Class AB/D dual-mode, 10W mono audio amplifier
V1.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com