Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7482 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7482
Description  25W MONO CLASS-D AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7482 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7482 Datasheet HTML 1Page - STMicroelectronics TDA7482 Datasheet HTML 2Page - STMicroelectronics TDA7482 Datasheet HTML 3Page - STMicroelectronics TDA7482 Datasheet HTML 4Page - STMicroelectronics TDA7482 Datasheet HTML 5Page - STMicroelectronics TDA7482 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
±28
V
Ptot
Power Dissipation Tcase =70
°C35
W
Tstg,Tj
Storage and Junction Temperature
–40 to 150
°C
VFREQ
Maximum Voltage Across RF (pin6)
8
V
Top
Operating Temperature Range
0 to 70
°C
ESD
Max ESD on Pins
±1.2
KV
THERMAL DATA
Symbol
Parameter
Typ.
Max.
Unit
Rth j-case
Thermal Resistance Junction-case
1.8
2.5
°C/W
PIN FUNCTIONS
N.
Name
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
OUT
BOOTDIODE
BOOT
NC
FEEDCAP
FREQ
SGN-GND
–VCC SIGN
IN
ST-BY/MUTE
+VCC SIGN
VREG
+VCC POW
-VCC POW
-VCC POW
PWM OUTPUT
BOOTSTRAP DIODE ANODE
BOOTSTRAP
NOT CONNECTED
FEEDBACK INTEGRATING CAPACITOR
SETTING FREQUENCY RESISTOR
SIGNAL GROUND
SIGNAL NEGATIVE SUPPLY
INPUT
CONTROL STATE PIN
POSITIVE SIGNAL SUPPLY
INTERNAL VOLTAGE REGULATOR
POSITIVE POWER SUPPLY
NEGATIVE POWER SUPPLY (to be connected to pin 13 via CS)
NEGATIVE POWER SUPPLY (to be connected to pin 13 via CS)
1
2
3
4
5
6
7
9
10
11
8
+VCC SIGN
ST-BY/MUTE
IN
-VCC SIGN
SGN-GND
FREQ
FEEDCAP
N.C.
BOOT
BOOTDIODE
OUT
TAB CONNECTED TO PIN 8
13
14
15
12
-VCC POW
-VCC POW
+VCC POW
VREG
D96AU539A
PIN CONNECTION (Top view)
TDA7482
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com