Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9830 Datasheet (PDF) - Maxim Integrated Products

MAX9830 Datasheet PDF - Maxim Integrated Products
Part # MAX9830
Download  MAX9830 Download
File Size   1065.1 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono 2W Class D Amplifier

MAX9830 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9830 Datasheet PDF - Maxim Integrated Products

Part # MAX9830
Download  MAX9830 Click to download

File Size   1065.1 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono 2W Class D Amplifier

MAX9830 Datasheet (HTML) - Maxim Integrated Products


MAX9830 Product details

General Description
The MAX9830 mono 2W Class D amplifier provides Class AB audio performance with Class D efficiency.
Active emissions limiting edge rate and overshoot control circuitry greatly reduces EMI. A patented filterless spread-spectrum modulation scheme eliminates the need for output filtering found in traditional Class D devices. These features reduce application component count.

Features
♦ Industry-Leading Quiescent Current: 1.6mA at 5V, 1.2mA at 3.6V
♦ Spread Spectrum and Active Emissions Limiting
♦ Passes EMI Limit Unfiltered with Up to 24in (61cm) of Speaker Cable
♦ Click-and-Pop Suppression
♦ Thermal and Overcurrent Protection
♦ Low 0.5µA Current Shutdown Mode
♦ Space-Saving, 2mm x 2mm x 0.8mm, 8-Pin TDFN Package

Applications
    Notebook and Netbook Computers
    Cellular Phones
    MP3 Players
    Portable Audio Players
    VoIP Phones




Similar Part No. - MAX9830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 12P
Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
MAX98300 MAXIM-MAX98300 Datasheet
2Mb / 7P
MAX98300 Evaluation Kit (WLP)
19-5272; Rev 0; 5/10
logo
Analog Devices
MAX98300 AD-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0 7/10
logo
Maxim Integrated Produc...
MAX98300ETA+ MAXIM-MAX98300ETA+ Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
More results


Similar Description - MAX9830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267 STMICROELECTRONICS-TDA7267 Datasheet
51Kb / 5P
2W MONO AMPLIFIER
1998-Jun
TDA7299 STMICROELECTRONICS-TDA7299 Datasheet
93Kb / 7P
SOUND 2W MONO AMPLIFIER
Sep-2002
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com