Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98300 Datasheet (PDF) - Analog Devices

MAX98300 Datasheet PDF - Analog Devices
Part # MAX98300
Download  MAX98300 Download
File Size   2034.51 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono 2.6W Class D Amplifier

MAX98300 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98300 Datasheet PDF - Analog Devices

Part # MAX98300
Download  MAX98300 Click to download

File Size   2034.51 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono 2.6W Class D Amplifier

MAX98300 Datasheet (HTML) - Analog Devices


MAX98300 Product details

Features
S Industry-Leading Quiescent Current: 0.78mA at
3.7V, 1.1mA at 5V
S Spread Spectrum and Active Emissions Limiting
S Five Selectable Gains
S Click-and-Pop Suppression
S Thermal and Overcurrent Protection
S Low-Current Shutdown Mode
S Space-Saving Packages
2mm x 2mm x 0.8mm, 8-Pin TDFN-EP
1.2mm x 1.2mm, 9-Bump WLP (0.4mm Pitch)




Similar Part No. - MAX98300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
MAX98300 MAXIM-MAX98300 Datasheet
2Mb / 7P
MAX98300 Evaluation Kit (WLP)
19-5272; Rev 0; 5/10
MAX98300ETA+ MAXIM-MAX98300ETA+ Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
MAX98300EVKIT+TDFN MAXIM-MAX98300EVKIT+TDFN Datasheet
1Mb / 7P
MAX98300 Evaluation Kit (TDFN)
19-5461; Rev 0; 7/10
MAX98300EVKIT+WLP MAXIM-MAX98300EVKIT+WLP Datasheet
2Mb / 7P
MAX98300 Evaluation Kit (WLP)
19-5272; Rev 0; 5/10
More results


Similar Description - MAX98300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
logo
National Semiconductor ...
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
National Semiconductor ...
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622 REALTEK-ALC5622 Datasheet
1Mb / 73P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com