Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7267 Datasheet (PDF) - STMicroelectronics

TDA7267 Datasheet PDF - STMicroelectronics
Part # TDA7267
Download  TDA7267 Download
File Size   51.13 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2W MONO AMPLIFIER

TDA7267 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7267 Datasheet PDF - STMicroelectronics

Part # TDA7267
Download  TDA7267 Click to download

File Size   51.13 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2W MONO AMPLIFIER

TDA7267 Datasheet (HTML) - STMicroelectronics


TDA7267 Product details

DESCRIPTION
The device TDA7267 is a new technology Mono Audio Amplifier in MINIDIP package specifically designed for TV application.
Thanks to the fully complementary output configuration the device delivers a rail to rail voltage swing without need of boostrap capacitors.

■ CAN DELIVER 2W THD 10% 12V/8Ω
■ INTERNAL FIXED GAIN 32dB
■ NO FEEDBACK CAPACITOR
■ NO BOUCHEROT CELL
■ THERMAL PROTECTION
■ AC SHORT CIRCUIT PROTECTION
■ SVR CAPACITOR FOR BETTER RIPPLE REJECTION
■ LOW TURN-ON/OFF POP
■ STAND-BY MODE




Similar Part No. - TDA7267

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267A STMICROELECTRONICS-TDA7267A Datasheet
100Kb / 7P
3W MONO AMPLIFIER
1998-Jun
TDA7267T STMICROELECTRONICS-TDA7267T Datasheet
154Kb / 10P
2 W mono amplifier
29-May-2009
More results


Similar Description - TDA7267

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7299 STMICROELECTRONICS-TDA7299 Datasheet
93Kb / 7P
SOUND 2W MONO AMPLIFIER
Sep-2002
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Rohm
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
2W 2W Stereo Speaker / Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
2W 2W Stereo Speaker / Headphone Amplifier
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
2W Power Amplifier
MAAP-010518 MA-COM-MAAP-010518_15 Datasheet
4Mb / 10P
2W Power Amplifier
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com