Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7267T Datasheet (PDF) - STMicroelectronics

TDA7267T Datasheet PDF - STMicroelectronics
Part # TDA7267T
Download  TDA7267T Download
File Size   154.05 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 W mono amplifier

TDA7267T Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7267T Datasheet PDF - STMicroelectronics

Part # TDA7267T
Download  TDA7267T Click to download

File Size   154.05 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 W mono amplifier

TDA7267T Datasheet (HTML) - STMicroelectronics


TDA7267T Product details

Description
The TDA7267T is a new technology mono audio amplifier in a DIP-8 package specifically designed for TV applications.
Thanks to the fully complementary output configuration the device delivers a rail-to-rail voltage swing without the need for boostrap capacitors.

Features
■ 2 W output power into 8 Ω at 12 V, THD = 10%
■ Internally fixed gain of 32 dB
■ No feedback capacitor
■ No boucherot cell
■ Thermal protection
■ AC short-circuit protection
■ SVR capacitor for better ripple rejection
■ Low turn-on/off “pop” noise
■ Standby mode




Similar Part No. - TDA7267T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267 STMICROELECTRONICS-TDA7267 Datasheet
51Kb / 5P
2W MONO AMPLIFIER
1998-Jun
TDA7267A STMICROELECTRONICS-TDA7267A Datasheet
100Kb / 7P
3W MONO AMPLIFIER
1998-Jun
More results


Similar Description - TDA7267T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
2-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
2-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com